? 1999 ixys all rights reserved 1 - 2 phase control thyristors v rrm = 1200-1600 v i t(rms) = 260 a i t(av)m = 164 a v rsm v rrm type v dsm v drm vv 1300 1200 cs 142-12io8 1700 1600 cs 142-16io8 symbol test conditions maximum ratings i t(rms) t vj = t vjm 260 a i t(av)m t case = 85 c; 180 sine 140 a t case = 75 c; 180 sine 164 a i tsm t vj = 45 c; t = 10 ms (50 hz), sine 3100 a v r = 0 t = 8.3 ms (60 hz), sine 3270 a t vj = t vjm t = 10 ms (50 hz), sine 2600 a v r = 0 t = 8.3 ms (60 hz), sine 2800 a i 2 t t vj = 45 c t = 10 ms (50 hz), sine 48 000 a 2 s v r = 0 t = 8.3 ms (60 hz), sine 45 000 a 2 s t vj = t vjm t = 10 ms (50 hz), sine 33 800 a 2 s v r = 0 t = 8.3 ms (60 hz), sine 32 000 a 2 s (di/dt) cr t vj = t vjm repetitive, i t = 500 a 150 a/ s f = 50 hz, t p =200 s v d = 1/2 v drm i g = 0.5 a non repetitive, i t = i t(av)m 500 a/ s di g /dt = 0.5 a/ s (dv/dt) cr t vj = t vjm ;v dr = 2/3 v drm 1000 v/ s r gk = ; method 1 (linear voltage rise) p gm t vj = t vjm t p =30 s 120 w i t = i t(av)m t p = 500 s60w t p = 10 ms 16 w v rgm 10 v t vj -40...+125 c t vjm 125 c t stg -40...+125 c m d mounting torque 16-20 nm 142-177 lb.in. weight 110 g features thyristor for line frequencies international standard package jedec to-209ac planar glassivated chip long-term stability of blocking currents and voltages gate and auxiliary cathode pin connection applications motor control power converter ac power controller advantages space and weight savings simple mounting improved temperature and power cycling data according to iec 60747 ixys reserves the right to change limits, test conditions and dimensions cs 142 4 12 3 dimensions in mm (1 mm = 0.0394") (yellow) (red) to-209ac (to-94) 2 1 3 4 m12 1 = anode, 2 = cathode, 3 = gate, 4 = auxiliary cathode not for new application
? 1999 ixys all rights reserved 2 - 2 symbol test conditions characteristic values i r , i d t vj = t vjm ; v r = v rrm ; v d = v drm 15 ma v t i t = 300 a; t vj = 25 c 1.35 v v t0 for power-loss calculations only (t vj = 125 c) 1.0 v r t 1.7 m ? v gt v d = 6 v; t vj = 25 c 2.5 v t vj = -40 c 3.5 v i gt v d = 6 v; t vj = 25 c 150 ma t vj = -40 c 200 ma v gd t vj = t vjm ;v d = 2/3 v drm 0.2 v i gd 10 ma i l t vj = 25 c; t p = 10 s 300 ma i g = 0.5 a; di g /dt = 0.5 a/ s i h t vj = 25 c; v d = 6 v; r gk = 200 ma t gd t vj = 25 c; v d = 1/2 v drm 2 s i g = 0.5 a; di g /dt = 0.5 a/ s t q t vj = t vjm ; i t = 50 a, t p = 200 s; di/dt = -10 a/ s typ. 150 s v r = 100 v; dv/dt = 20 v/ s; v d = 2/3 v drm r thjc dc current 0.18 k/w r thjh dc current 0.22 k/w d s creepage distance on surface 10.5 mm d a strike distance through air 10.5 mm a max. acceleration, 50 hz 50 m/s 2 accessories: nut m12 din 439/sw27 lock washer a12 din 128 cs 142
|